inches (m illimet ers) cust omer dra w ings a v a ilable upon request fixed length cable assemblies bnc s t raight p l ug t o bnc s t raight p l u g part cabl e cabl e connect o r connect o r number t ype l engt h a b 415- 0054- 012 rg- 5 8 12" cpmc- 88- 1 cpmc- 88- 1 415- 0054- 024 rg- 5 8 24" cpmc- 88- 1 cpmc- 88- 1 415- 0054- 036 rg- 5 8 36" cpmc- 88- 1 cpmc- 88- 1 415- 0054- 048 rg- 5 8 48" cpmc- 88- 1 cpmc- 88- 1 415- 0054- 060 rg- 5 8 60" cpmc- 88- 1 cpmc- 88- 1 415- 0055- 012 rg- 59 tfe 12" cpmc- 88- 1 0 cpmc- 88- 1 0 415- 0055- 024 rg- 59 tfe 24" cpmc- 88- 1 0 cpmc- 88- 1 0 415- 0055- 036 rg- 59 tfe 36" cpmc- 88- 1 0 cpmc- 88- 1 0 415- 0055- 048 rg- 59 tfe 48" cpmc- 88- 1 0 cpmc- 88- 1 0 415- 0055- 060 rg- 59 tfe 60" cpmc- 88- 1 0 cpmc- 88- 1 0 415- 0057- 012 rg- 5 9 12" cpmc- 88- 2 cpmc- 88- 2 415- 0057- 024 rg- 5 9 24" cpmc- 88- 2 cpmc- 88- 2 415- 0057- 036 rg- 5 9 36" cpmc- 88- 2 cpmc- 88- 2 415- 0057- 048 rg- 5 9 48" cpmc- 88- 2 cpmc- 88- 2 415- 0057- 060 rg- 5 9 60" cpmc- 88- 2 cpmc- 88- 2 w ith boot j part cabl e cabl e connect o r connect o r number t ype l engt h a b 415- 0056- 012 belden 8218 12" cpmc- 88- 1 8 cpmc- 88- 1 8 415- 0056- 024 belden 8218 24" cpmc- 88- 1 8 cpmc- 88- 1 8 415- 0056- 036 belden 8218 36" cpmc- 88- 1 8 cpmc- 88- 1 8 415- 0056- 048 belden 8218 48" cpmc- 88- 1 8 cpmc- 88- 1 8 415- 0056- 060 belden 8218 60" cpmc- 88- 1 8 cpmc- 88- 1 8 w ith heat shr in k e lectrical rat ings e le c tr ic a l r a tings o f a c able a ssembly a r e dete r m ined b y the lim iting c onnec to r ty pe and c able s iz e . j ohns on components ? c able length applie s to the end o f s tr a ight c onnec to rs. t he length is applied to the v e r tic a l c entr o id o f r ight angle c onnec to rs. t he la s t t h r ee d ig its o f t he par t number r e fle c t t he length o f t h e c able i n in c hes . g n i k r o w c i r t c e l e i d r o t c e n n o c im p edan c e f r e q uen c y w iths t a n d in g v o lt a g e c onnector cab le ( ohm s ) ( ghz ) v o lt a g e ( v r m s ) ( v r m s ) bnc rg- 5 8 5 0 4 1500 v r m s 500 v r m s belden 8218 5 0 4 1500 v r m s 500 v r m s rg- 5 9 5 0 4 1500 v r m s 500 v r m s rg- 59 plenum 5 0 4 1500 v r m s 500 v r m s emerson network power connectivity solutions 299 johnson avenue sw, waseca, mn 56093 ? 800 -247- 8256 ? +1 (507) 833-8822 ? www.emersonconnectivity.com
|